データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F479 データシート(PDF) 78 Page - STMicroelectronics

部品番号 STM32F479
部品情報  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 データシート(HTML) 78 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 74Page - STMicroelectronics STM32F479 Datasheet HTML 75Page - STMicroelectronics STM32F479 Datasheet HTML 76Page - STMicroelectronics STM32F479 Datasheet HTML 77Page - STMicroelectronics STM32F479 Datasheet HTML 78Page - STMicroelectronics STM32F479 Datasheet HTML 79Page - STMicroelectronics STM32F479 Datasheet HTML 80Page - STMicroelectronics STM32F479 Datasheet HTML 81Page - STMicroelectronics STM32F479 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
LTDC application examples
AN4861
78/91
DocID029237 Rev 2
Figure 49. LCD Image Converter: image project
In the Options window shown in Figure 50, select the “Image” tab then select the “RGB565
color” in the Preset field, then set the Block size field to 32-bit and click on OK button.
Note:
The user can also convert the image to a table of bytes, but in that case he should swap the
red and blue colors in the conversion window matrix tab.
Figure 50. LCD Image Converter: setting conversion options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91