| データシートサーチシステム |
|
MPX4100AS データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPX4100AS データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 13 page ![]() MPX4100A Sensors 4 Freescale Semiconductor Pressure Maximum Ratings Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip. Figure 1. Fully Integrated Pressure Sensor Schematic for Unibody Package and Small Outline Package Table 2. MAXIMUM RATINGS(1) 1. Exposure beyond the specified limits may cause permanent damage or degradation to the device. Rating Symbol Value Unit Maximum Pressure (P1 > P2) PMAX 400 kPa Storage Temperature Tstg -40 to +125 °C Operating Temperature TA -40 to +125 °C Sensing Element GND VOUT VS Pins 4, 5, and 6 are NO CONNECTS Thin Film Temperature Compensation and Gain Stage #1 Gain Stage #2 and Ground Reference Shift Circuitry Pins 1, 5, 6, 7, and 8 are NO CONNECTS for small outline package devices. for unibody package devices. 3 (Unibody) 2 (Small Outline Package) 4 (Small Outline Package) 1 (Unibody) 3 (Small Outline Package) 2 (Unibody) |