| データシートサーチシステム |
|
M58LT128GS データシート(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58LT128GS データシート(HTML) 96 Page - STMicroelectronics |
|
96 / 98 page ![]() 13 Part Numbering M58LT128GST, M58LT128GSB 96/98 2. CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. = Program/ Erase Controller, WA0 = Address in a block different from first BEFP address. 3. If the P/E.C. is active, both cycles are ignored. 4. BEFP Exit when Block Address is different from first Block Address and data are FFFFh. 5. Illegal commands are those not defined in the command set. |