| データシートサーチシステム |
|
RA4W1 データシート(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4W1 データシート(HTML) 35 Page - Renesas Technology Corp |
|
35 / 105 page ![]() R01DS0359EJ0100 Rev.1.00 Page 35 of 105 Mar 31, 2020 RA4W1 Datasheet 2. Electrical Characteristics Figure 2.14 Voltage dependency in high-speed mode (reference data) Figure 2.15 Voltage dependency in middle-speed mode (reference data) Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper-limit samples during product evaluation. Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper-limit samples during product evaluation. |