| データシートサーチシステム |
|
RA4W1 データシート(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4W1 データシート(HTML) 8 Page - Renesas Technology Corp |
|
8 / 105 page ![]() R01DS0359EJ0100 Rev.1.00 Page 8 of 105 Mar 31, 2020 RA4W1 Datasheet 1. Overview Table 1.10 Data processing Feature Functional description Cyclic Redundancy Check (CRC) calculator The Cyclic Redundancy Check (CRC) calculator generates CRC codes to detect errors in the data. The bit order of CRC calculation results can be switched for LSB-first or MSB-first communication. Additionally, various CRC generation polynomials are available. The snoop function allows monitoring reads from and writes to specific addresses. This function is useful in applications that require CRC code to be generated automatically in certain events, such as monitoring writes to the serial transmit buffer and reads from the serial receive buffer. See section 33, Cyclic Redundancy Check (CRC) Calculator in User’s Manual. Data Operation Circuit (DOC) The Data Operation Circuit (DOC) compares, adds, and subtracts 16-bit data. See section 41, Data Operation Circuit (DOC) in User’s Manual. Table 1.11 Security Feature Functional description Secure Crypto Engine 5 (SCE5) Security algorithm: - Symmetric algorithm: AES Other support features: - TRNG (True Random Number Generator) - Hash-value generation: GHASH. |