| データシートサーチシステム |
|
M263 データシート(PDF) 48 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M263 データシート(HTML) 48 Page - Nuvoton Technology Corporation |
|
48 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 48 of 398 Rev 1.02 33 Pin 64 Pin 128 Pin Pin Name Type MFP Description UART0_TXD O MFP7 UART0 data transmitter output pin. I2C1_SCL I/O MFP8 I 2C1 clock pin. EPWM1_CH4 I/O MFP11 EPWM1 channel 4 output/capture input. BPWM1_CH2 I/O MFP12 BPWM1 channel 2 output/capture input. ACMP0_WLAT I MFP13 Analog comparator 0 window latch input pin TM2 I/O MFP14 Timer2 event counter input/toggle output pin. INT1 I MFP15 External interrupt 1 input pin. 21 51 PA.6 I/O MFP0 General purpose digital I/O pin. EBI_AD6 I/O MFP2 EBI address/data bus bit 6. SPI1_SS I/O MFP4 SPI1 slave select pin. SC2_CLK O MFP6 Smart Card 2 clock pin. UART0_RXD I MFP7 UART0 data receiver input pin. I2C1_SDA I/O MFP8 I 2C1 data input/output pin. EPWM1_CH5 I/O MFP11 EPWM1 channel 5 output/capture input. BPWM1_CH3 I/O MFP12 BPWM1 channel 3 output/capture input. ACMP1_WLAT I MFP13 Analog comparator 1 window latch input pin TM3 I/O MFP14 Timer3 event counter input/toggle output pin. INT0 I MFP15 External interrupt 0 input pin. 22 52 VSS P MFP0 Ground pin for digital circuit. 23 53 VDD P MFP0 Power supply for I/O ports and LDO source for internal PLL and digital circuit. 24 54 VDD P MFP0 Power supply for I/O ports and LDO source for internal PLL and digital circuit. 25 55 PA.5 I/O MFP0 General purpose digital I/O pin. QSPI0_MISO1 I/O MFP3 QSPI0 MISO1 (Master In, Slave Out) pin. SPI1_I2SMCLK I/O MFP4 SPI1 I 2S master clock output pin SC2_nCD I MFP6 Smart Card 2 card detect pin. UART0_nCTS I MFP7 UART0 clear to Send input pin. UART5_TXD O MFP8 UART5 data transmitter output pin. I2C0_SCL I/O MFP9 I 2C0 clock pin. BPWM0_CH5 I/O MFP12 BPWM0 channel 5 output/capture input. EPWM0_CH0 I/O MFP13 EPWM0 channel 0 output/capture input. QEI0_INDEX I MFP14 Quadrature encoder 0 index input 26 56 PA.4 I/O MFP0 General purpose digital I/O pin. QSPI0_MOSI1 I/O MFP3 QSPI0 MOSI1 (Master Out, Slave In) pin. |