データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M263 データシート(PDF) 7 Page - Nuvoton Technology Corporation

部品番号 M263
部品情報  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUVOTON [Nuvoton Technology Corporation]
ホームページ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 データシート(HTML) 7 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 3Page - Nuvoton Technology Corporation M263 Datasheet HTML 4Page - Nuvoton Technology Corporation M263 Datasheet HTML 5Page - Nuvoton Technology Corporation M263 Datasheet HTML 6Page - Nuvoton Technology Corporation M263 Datasheet HTML 7Page - Nuvoton Technology Corporation M263 Datasheet HTML 8Page - Nuvoton Technology Corporation M263 Datasheet HTML 9Page - Nuvoton Technology Corporation M263 Datasheet HTML 10Page - Nuvoton Technology Corporation M263 Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 7 of 398
Rev 1.02
8.12
USB Characteristics ............................................................................................ 389
8.12.1USB Full-Speed PHY Characteristics .......................................................................389
8.13
SDIO Characteristics........................................................................................... 390
8.13.1Default Mode Timing ....................................................................................................390
8.13.2SDIO Dynamic Characteristics...................................................................................392
9 PACKAGE DIMENSIONS ............................................................................ 393
9.1 QFN 33L (5x5x0.8 mm3 Pitch 0.5 mm) .................................................................. 393
9.2 LQFP 64L (7x7x1.4 mm3 Footprint 2.0 mm).......................................................... 394
9.3 LQFP 128L (14x14x1.4 mm3 Footprint 2.0 mm)................................................... 395
10 ABBREVIATIONS........................................................................................ 396
10.1
Abbreviations........................................................................................................ 396
11 REVISION HISTORY ................................................................................... 398



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More