データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM4092 データシート(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

部品番号 HM4092
部品情報  2.0A, 2-4 cell lithium battery switching charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
ホームページ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4092 データシート(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4092 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4092 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4092 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4092 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4092 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4092 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4092 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4092 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4092 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Symbol
Parameter
Condition
SPEC
Unit
Min.
Typ.
Max.
Bat Over-Voltage Comparator
VOV_RISE
Over-voltage rising
threshold
As percentage of VBAT_REG
110
%
VOV_FALL
Over-voltage falling
threshold
As percentage of VBAT
105
%
Thermal Regulation
TJ_REG
Junction Temperature Charging
125
Thermal Shutdown Comparator
TSHUT
Thermal shutdown
temperature
Temperature rising
155
TSHUT-HYS
Thermal shutdown
hysteresis
Temperature falling
30
tSHUT-RISE-DEG
Thermal shutdown
deglitch
Temperature rising
25
uS
Thermistor Comparator
ITS
TS bias current
70
76
82
µA
VLTF
Cold temperature
threshold, TS pin
voltage rising
threshold
Charger suspends charge
3.0
V
VLTF_HYS
Cold temperature
hysteresis, TS pin
voltage falling
threshold
Charger recovery charge
2.6
V
VHTF
Hot temperature TS
pin voltage falling
threshold
Charger suspends charge
300
mV
tTS-CHG-SUS
Deglitch time for
temperature out of
range detection
VTS > VLTF, or VTS < VTCO, or VTS < VHTF
1.3
S
tTS-CHG-RSM
Deglitch time for
temperature out of
range detection
VTS < VLTF-VLTF-HYS or VTS > VTCO, or VTS >
VHTF
1.3
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com