データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LN2306ELT1G データシート(PDF) 2 Page - Leshan Radio Company

部品番号 LN2306ELT1G
部品情報  N-Channel 30V(D-S) MOSFET VDS= 30V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LN2306ELT1G データシート(HTML) 2 Page - Leshan Radio Company

  LN2306ELT1G Datasheet HTML 1Page - Leshan Radio Company LN2306ELT1G Datasheet HTML 2Page - Leshan Radio Company LN2306ELT1G Datasheet HTML 3Page - Leshan Radio Company LN2306ELT1G Datasheet HTML 4Page - Leshan Radio Company LN2306ELT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LN2306ELT1G
N-Channel 30V(D-S) MOSFET
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
OFF CHARACTERISTICS
Characteristic
Drain–Source Breakdown Voltage
(VGS = 0, ID = 250μA)
Zero Gate Voltage Drain Current
(VDS=30V, VGS=0V)
Gate–Body Leakage Current, Forward
(VDS = 0 V, VGS = 10 V)
Gate–Body Leakage Current, Reverse
(VDS = 0 V, VGS = -10 V)
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
(VDS = VGS, ID = 250μA)
Static Drain–Source On–State Resistance
(VGS = 10 V, ID =3.4 A)
(VGS = 4.5 V, ID =2.7 A)
(VGS = 2.5 V, ID = 1 A)
DYNAMIC CHARACTERISTICS
Input Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= 15 V)
Output Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= 15 V)
Reverse Transfer Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= 15 V)
SWITCHING CHARACTERISTICS
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward Voltage
(VGS = 0 V, ISD = 3.4 A)
3.Pulse Test: Pulse Width ≤
300 μs, Duty Cycle ≤2.0%.
Symbol
Min.
Unit
V
td(on)
tr
RDS(on)
-
0.6
105
(VDD = 15V, RL = 15Ω
ΙD = 1Α, VGEN = 10V,RG
= 6Ω)
-
2600
-
677
-
97.2
Typ.
Max.
IGSSR
-
μA
Ciss
-
247
-
Coss
Crss
-
33
-
30
-
-
V(BR)DSS
IDSS
-
-
1
IGSSF
-
-
10
pF
pF
pF
-
54
75
m
-
48
65
-
-10
VSD
V
-
-
1.2
tf
VGS(th)
V
1.4
-
5
-
75
-
128
ns
td(off)
Leshan Radio Company, LTD.
2/5
μA
μA
-
-
-
-
-
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
(VGS = 4.5 V, ID=2.1A,
VDS= 15 V)
nC
-
-
-
-
-
-
4.7
1.9
1.6
Qg
Qgs
Qgd
(VGS = 1.7 V, ID = 0.5 A)
-
400
180
Rev.D Jun. 2019



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com