| データシートサーチシステム |
|
24AA08-E/MS データシート(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA08-E/MS データシート(HTML) 1 Page - Microchip Technology |
|
1 / 26 page ![]() © 2008 Microchip Technology Inc. DS21710H-page 1 24AA08/24LC08B Device Selection Table Features: • Single Supply with Operation Down to 1.7V for 24AA08 Devices, 2.5V for 24LC08B Devices • Low-Power CMOS Technology: - Read current 1 mA, max. - Standby current 1 μA, max • 2-Wire Serial Interface, I2C™ Compatible • Schmitt Trigger inputs for Noise Suppression • Output Slope Control to eliminate Ground Bounce • 100 kHz and 400 kHz Clock Compatibility • Page Write Time 3 ms, typical • Self-Timed Erase/Write Cycle • 16-Byte Page Write Buffer • Hardware Write-Protect • ESD Protection >4,000V • More than 1 Million Erase/Write Cycles • Data Retention >200 years • Factory Programming Available • Packages include 8-lead PDIP, SOIC, TSSOP, DFN, TDFN, MSOP and 5-lead SOT-23 • Pb-free and RoHS Compliant • Temperature Ranges: - Industrial (I): -40°C to +85°C - Automotive (E): -40°C to +125°C Description: The Microchip Technology Inc. 24AA08/24LC08B (24XX08*) is a 8 Kbit Electrically Erasable PROM. The device is organized as four blocks of 256 x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.7V, with standby and active currents of only 1 μA and 1 mA, respectively. The 24XX08 also has a page write capability for up to 16 bytes of data. The 24XX08 is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP, 2x3 DFN, 2x3 TDFN and MSOP packages, and is also available in the 5-lead SOT-23 package. All packages are Pb-free and RoHS compliant. Block Diagram Package Types Part Number VCC Range Max. Clock Frequency Temp. Ranges 24AA08 1.7-5.5 400 kHz(1) I 24LC08B 2.5-5.5 400 kHz I, E Note 1: 100 kHz for VCC <2.5V HV EEPROM Array Page YDEC XDEC Sense Amp. Memory Control Logic I/O Control Logic I/O WP SDA SCL VCC VSS R/W Control Latches Generator A0 A1 A2 VSS VCC WP SCL SDA 1 2 3 4 8 7 6 5 PDIP, MSOP SOIC, TSSOP A0 A1 A2 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA DFN/TDFN A0 A1 A2 VSS WP SCL SDA VCC SOT-23-5 15 4 3 SCL Vss SDA WP Vcc 2 Note: Pins A0, A1 and A2 are not used by the 24XX08. (No internal connections). 8 7 6 5 1 2 3 4 8K I2C™ Serial EEPROM *24XX08 is used in this document as a generic part number for the 24AA08/24LC08B devices. |
同様の部品番号 - 24AA08-E/MS |
|
同様の説明 - 24AA08-E/MS |