| データシートサーチシステム |
|
24AA08-E/MS データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA08-E/MS データシート(HTML) 2 Page - Microchip Technology |
|
2 / 26 page ![]() 24AA08/24LC08B DS21710H-page 2 © 2008 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings (†) VCC.............................................................................................................................................................................6.5V All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V Storage temperature ...............................................................................................................................-65°C to +150°C Ambient temperature with power applied................................................................................................-40°C to +125°C ESD protection on all pins ......................................................................................................................................................≥ 4 kV TABLE 1-1: DC CHARACTERISTICS † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. DC CHARACTERISTICS VCC = +1.7V to +5.5V Industrial (I): TA = -40°C to +85°C Automotive (E): TA = -40°C to +125°C Param. No. Symbol Characteristic Min. Typ. Max. Units Conditions D1 VIH WP, SCL and SDA pins — —— — — D2 — High-level input voltage 0.7 VCC —— V — D3 VIL Low-level input voltage — — 0.3 VCC V— D4 VHYS Hysteresis of Schmitt Trigger inputs 0.05 VCC —— V (Note) D5 VOL Low-level output voltage — — 0.40 V IOL = 3.0 mA, VCC = 2.5V D6 ILI Input leakage current —— ±1 μAVIN = .1V to VCC D7 ILO Output leakage current —— ±1 μAVOUT = .1V to VCC D8 CIN, COUT Pin capacitance (all inputs/outputs) —— 10 pF VCC = 5.0V (Note) TA = 25°C, FCLK = 1 MHz D9 ICC write Operating current —0.1 3 mA VCC = 5.5V, SCL = 400 kHz D10 ICC read — 0.05 1 mA — D11 ICCS Standby current — — 0.01 — 1 5 μA μA Industrial Automotive SDA = SCL = VCC WP = VSS Note: This parameter is periodically sampled and not 100% tested. |