| データシートサーチシステム |
|
24SW データシート(PDF) 4 Page - Maxwell Technologies |
|
|
|||||||||||||||||||||||||||||
24SW データシート(HTML) 4 Page - Maxwell Technologies |
|
4 / 11 page ![]() 4 All data sheets are subject to change without notice ©2005 Maxwell Technologies. All rights reserved. 24 Channel MOSFET Driver 24SW 01.10.05 Rev 2 70 LD16_IN Switch 16 High Side FET Source 71 TP3D 72 LD23_OUT Switch 23 Low Side FET Drain 73 LD23_IN Switch 23 High Side FET Source 74 TP9D 75 TP41A 76 TP41C 77 TP46D 78 LD21_OUT Switch 21 Low Side FET Drain 79 LD21_IN Switch 21 High Side FET Source 80 TP40D 81 LD22_OUT Switch 22 Low Side FET Drain 82 LD22_IN Switch 22 High Side FET Source 83 TP39D 84 TP45D 85 LD20_OUT Switch 20 Low Side FET Drain 86 LD20_IN Switch 20 High Side FET Source 87 TP45E 88 TP39E 89 TP40E 90 TP46E 91 TP48D 92 TP42D 93 TP47D 94 TP41D 95 TP41E 96 TP47E 97 TP42E 98 SS_CMD_18 Switch 18 Control Input TTL voltage level switch input 99 SS_CMD_19 Switch 19 Control Input TTL voltage level switch input 100 SS_CMD_20 Switch 20 Control Input TTL voltage level switch input 101 TP48E 102 SS_CMD_21 Switch 21 Control Input TTL voltage level switch input 103 SS_CMD_22 Switch 22 Control Input TTL voltage level switch input 104 TP12B 105 SS_CMD_23 Switch 23 Control Input TTL voltage level switch input 106 TP12A TABLE 1. 24SW PINOUT DESCRIPTION PIN NAME FUNCTION NOTES |