| データシートサーチシステム |
|
24SW データシート(PDF) 3 Page - Maxwell Technologies |
|
|
|||||||||||||||||||||||||||||
24SW データシート(HTML) 3 Page - Maxwell Technologies |
|
3 / 11 page ![]() 3 All data sheets are subject to change without notice ©2005 Maxwell Technologies. All rights reserved. 24 Channel MOSFET Driver 24SW 01.10.05 Rev 2 33 TP43D 34 SS_CMD_15 Switch 15 Control Input TTL voltage level switch input 35 SS_CMD_16 Switch 16 Control Input TTL voltage level switch input 36 SS_CMD_17 Switch 17 Control Input TTL voltage level switch input 37 TP44C 38 TP44A 39 TP44B 40 TP37C 41 TP43E 42 TP37E 43 TP44E 44 TP38E 45 LD14_OUT Switch 14 Low Side FET Drain 46 LD14_IN Switch 14 High Side FET Source 47 PKG_GND Case Ground This pin is for grounding the case(lid) 48 LD15_OUT Switch 15 Low Side FET Drain 49 LD15_IN Switch 15 High Side FET Source 50 TP37A 51 LD12_OUT Switch 12 Low Side FET Drain 52 LD12_IN Switch 12 High Side FET Source 53 TP37B 54 LD18_OUT Switch 18 Low Side FET Drain 55 LD18_IN Switch 18 High Side FET Source 56 TP43A 57 LD13_OUT Switch 13 Low Side FET Drain 58 LD13_IN Switch 13 High Side FET Source 59 TP9A 60 TP3E 61 TP4E 62 TP10E 63 LD17_OUT Switch 17 Low Side FET Drain 64 LD17_IN Switch 17 High Side FET Source 65 TP10D 66 LD19_OUT Switch 19 Low Side FET Drain 67 LD19_IN Switch 19 High Side FET Source 68 TP4D 69 LD16_OUT Switch 16 Low Side FET Drain TABLE 1. 24SW PINOUT DESCRIPTION PIN NAME FUNCTION NOTES |