データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS15 データシート(PDF) 1 Page - EIC discrete Semiconductors

部品番号 BAS15
部品情報  HIGH SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAS15 データシート(HTML) 1 Page - EIC discrete Semiconductors

  BAS15 Datasheet HTML 1Page - EIC discrete Semiconductors BAS15 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS15
HIGH SPEED SWITCHING DIODE
FEATURES :
• High switching speed: max. 4 ns
• Continuous reverse voltage:max. 50 V
• Repetitive peak reverse voltage:max. 50 V
• Repetitive peak forward current:max. 225 mA.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-34 Glass Case
Weight: approx. 0.11g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRRM
50
V
VRM
50
V
Maximum Continuous Forward Current , Ta = 150
°C
IF
mA
Maximum Repetitive Peak Forward Current
IFRM
225
mA
Maximum Power Dissipation
PD
350
mW
Maximum Non-repetitive Peak Forward Current at t < 1s, Tj = 25
°C
IFSM
0.5
A
Maximum Junction Temperature
TJ
200
°C
Storage Temperature Range
TS
-65 to + 200
°C
Electrical Characteristics (Tj = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VR = 50 V
-
-
200
nA
VR = 50 V , Tj = 150 °C
-
-
100
μA
Forward Voltage
VF
IF = 100 mA
-
-
1.1
V
Diode Capacitance
Cd
-
-
2.0
pF
IF = 10 mA to IR = 60mA
RL = 100 Ω ; Measured
-
-
4
ns
at IR = 1 mA
Page 1 of 2
Rev. 03 : December 3, 2008
Reverse Recovery Time
Trr
f = 1MHz ; VR = 0
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Reverse Current
100
IR
Test Condition
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
www.eicsemi.com


同様の部品番号 - BAS15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAS15 PHILIPS-BAS15 Datasheet
43Kb / 7P
High-speed diode
1996 Sep 10
More results

同様の説明 - BAS15

メーカー部品番号データシート部品情報
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com