| データシートサーチシステム |
|
5000 データシート(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
5000 データシート(HTML) 12 Page - Microchip Technology |
|
12 / 45 page ![]() PAC1934 Evaluation Board (ADM00805) User’s Guide DS50002673A-page 12 2017 Microchip Technology Inc. An on-board current source provides a 0.5 Hz square wave current signal for function- ality testing and demo purposes. There are also on-board current sense resistors, pro- visions for external sources and loads, and provisions for both USB control and direct I2C connection. See Chapter 4. “Hardware Description” for more details. 1.3.2 Software and System Control Overview The PAC193X Demo Application, described in detail in Chapter 2. “Installation and Operation”, provides USB control of the PAC193X with the ADM00805 Evaluation Board. The application provides an easy way to control all of the programmable registers and read all of the results for the PAC1934 device on the ADM00805 Evaluation Board. To use this software application with the ADM00805 Evaluation Board, download the soft- ware and launch the application. Then connect the provided USB cable to the computer and ensure that the USB/I2C switch is set ON. Chapter 2. “Installation and Opera- tion” provides details on getting started. 1.4 EVALUATION BOARD KIT CONTENTS The PAC1934 Evaluation Board Kit contains: • The ADM00805 Evaluation Board (EVB) • USB cable • Important Information Sheet |