データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5000 データシート(PDF) 17 Page - Microchip Technology

部品番号 5000
部品情報  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5000 データシート(HTML) 17 Page - Microchip Technology

Back Button 5000 Datasheet HTML 13Page - Microchip Technology 5000 Datasheet HTML 14Page - Microchip Technology 5000 Datasheet HTML 15Page - Microchip Technology 5000 Datasheet HTML 16Page - Microchip Technology 5000 Datasheet HTML 17Page - Microchip Technology 5000 Datasheet HTML 18Page - Microchip Technology 5000 Datasheet HTML 19Page - Microchip Technology 5000 Datasheet HTML 20Page - Microchip Technology 5000 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
PAC1934 EVALUATION BOARD
(ADM00805) USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002673A-page 17
Chapter 3. Software GUI Description
3.1
FIRST LAUNCH
After the installation, double-click the desktop icon in order to launch the PAC193X
Demo Application. Connect the board to the computer with the provided USB cable and
ensure the USB/I2C switch is set ON. The SW1 switch is in the upper right corner of
the board. Once they are connected, LED activity can be seen on the board:
• LD1: shows I2C activity from the USB bridge
• LD2: +5V USB power from the USB connection
• LD3: Shows the period of the square wave generated by the on-board current
source
Figure 3-1 shows the GUI for the PAC193X Demo Application:
1. Device identification
2. Start Acquisition button
Click the Start Acquisition button to start generating the default waveforms. After 10
seconds, click the button again to stop the acquisition and freeze the waveforms.
Figure 3-2 displays the default waveforms in DEMO mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45