| データシートサーチシステム |
|
E5CS-R1PU-W データシート(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CS-R1PU-W データシート(HTML) 6 Page - Omron Electronics LLC |
|
6 / 10 page ![]() E5CS 6 External Connection Diagram Note: 1. The voltage output (12 VDC, 21 mA) is not electrically isolated from the internal circuits. When using a grounding thermocouple, do not connect output terminals 4 or 5 to ground. Otherwise, unwanted current paths will cause measurement errors. 2. Models with 100 to 240 VAC and 24 VAC/VDC are separate. Models using 24 VDC have no polarity. 3. Be sure to check the sensor type before using multi-output (thermocouple/platinum resistance thermometer) models. Nomenclature E5CS-U Plug-in Models Sensor Thermocouple (See note 3.) Platinum resistance thermometer (See note 3.) Thermistor Plug-in models Without alarms Voltage output models (See note 1.) Voltage output models (See note 1.) Voltage output models (See note 1.) Relay output models Relay output models Relay output models With alarms Relay output models Relay output models Relay output models 12 VDC, 21 mA Voltage output 4 5 12 VDC, 21 mA Voltage output 4 5 12 VDC, 21 mA Voltage output 4 5 (K, J) 100 to 240 VAC 24 VAC/VDC 3 4 5 6 7 8 1 2 (See note 2.) A B B 3 4 5 6 7 8 1 2 100 to 240 VAC 24 VAC/VDC (See note 2.) 3 4 5 6 7 8 1 2 100 to 240 VAC 24 VAC/VDC (See note 2.) 12 VDC, 21 mA OUT 4 5 7 8 9 Alarm output 1 Alarm output 2 Voltage output models (See note 1.) Two alarm points 12 VDC, 21 mA OUT 4 5 7 8 9 Alarm output 1 Alarm output 2 Voltage output models (See note 1.) Two alarm points 12 VDC, 21 mA OUT 4 5 Voltage output models (See note 1.) 3 4 5 6 7 8 9 10 11 1 2 Alarm output 100 to 240 VAC 24 VAC/VDC (See note 2.) A B B 3 4 5 6 7 8 9 10 11 1 2 Alarm output 100 to 240 VAC 24 VAC/VDC (See note 2.) 3 4 5 6 7 8 9 10 11 1 2 Alarm output 100 to 240 VAC 24 VAC/VDC (See note 2.) Output indicator Temperature display Alarm indicators Up Key Down key Deviation indicators Mode indicators Mode Key |