| データシートサーチシステム |
|
E5CS-R1PU-W データシート(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CS-R1PU-W データシート(HTML) 1 Page - Omron Electronics LLC |
|
1 / 10 page ![]() 1 CSM_E5CS_DS_E_5_3 Temperature Controllers E5CS Simple Functions in DIN 48 × 48 mm-size Plug-in Temperature Controllers • Easy setting using DIP switch. • Models with two alarms added to Series, ideal for applications requiring alarms. • Universal-input (thermocouple/platinum resistance thermometer) models also available. • Clearly visible digital display with character height of 13.5 mm. • RoHS compliant. Refer to Safety Precautions for All Temperature Controllers. Refer to E5CS/E5CSV Operation for operating procedures. For the most recent information on models that have been certified for safety standards, refer to your OMRON website. Model Number Structure ■ Model Number Legend Plug-in Models 3 Note: A functional explanation is provided here for illustration, but models are not necessarily available for all possible combinations. Refer to Ordering Information when ordering. Examples • Relay control output, without alarm, thermocouple input, plug-in construction, light gray case: E5CS-RKJU-W • Relay control output, one alarm output, platinum resistance thermometer input, plug-in construction, light gray case: E5CS-R1PU-W 1 2 3 45 6 E5CS- @@@@U-W 1. Control Outputs R: Relay Q: Voltage for driving SSR 2. Alarm Outputs Blank: No alarm 1: 1 alarm 2: 2 alarms 3. Input KJ: Thermocouple P: Platinum resistance thermometer G: Thermistor T: Thermocouple/platinum resistance thermometer (universal-input) 4. Power Supply Voltage Blank: 100 to 240 VAC D: 24 VAC/VDC 5. Terminal Shape U: Plug-in 6. Case Color W: Light gray |
同様の部品番号 - E5CS-R1PU-W |
|
同様の説明 - E5CS-R1PU-W |