| データシートサーチシステム |
|
PWD13F60TR データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PWD13F60TR データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 26 page ![]() DocID030865 Rev 2 9/26 PWD13F60 Electrical characteristics 26 4.2 Power MOSFET VCCx = 15 V; TJ = 25 °C, unless otherwise specified. Table 6. Power MOSFET electrical characteristics Symbol Parameter Test condition Min. Typ. Max. Unit MOSFET on/off states V(BR)IDSS Drain-source breakdown voltage ID = 1 mA(1) 600 - - V IDSS Zero gate voltage drain current VDS = 600 V - - 1 µA VGS(th) Gate threshold voltage VDS = VGS, ID = 250 µA(1) 34 5 V RDS(on) Static drain-source on- resistance ID = 3 A; VGS = 10 V - 0.32 0.425 MOSFET avalanche IAS Avalanche current, repetitive or not repetitive Pulse width limited by TJ max.(1) -- 3 A EAS Single pulse avalanche energy Starting TJ = 25 °C, ID = IAS , VDD = 50 V(1) -- 162 mJ Source-drain diode VSD Diode forward on voltage LINx = GND; HINx = GND; ISD = 3 A - 0.8 1.25 V 1. Tested at the wafer level before packaging. |