| データシートサーチシステム |
|
VSC7440 データシート(PDF) 149 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7440 データシート(HTML) 149 Page - Microsemi Corporation |
|
149 / 444 page ![]() Functional Descriptions VMDS-10492 VSC7440 Datasheet Revision 4.2 132 3.18.1 VCAP LPM SGL_IP4 Key Details The SGL_IP4 key is to be used for IPv4 UC routing as well as IPv4 Source/Destination Guard. 3.18.2 VCAP LPM DBL_IP4 Key Details The DBL_IP4 key is to be used for IPv4 MC routing. 3.18.3 VCAP LPM SGL_IP6 Key Details The SGL_IP6 key is to be used for IPv6 UC routing as well as IPv6 Source/Destination Guard. 3.18.4 VCAP LPM DBL_IP6 Key Details The DBL_IP6 key is to be used for IPv6 MC routing. 3.18.5 VCAP LPM Actions VCAP LPM supports three different actions: •ARP_PTR • L3MC_PTR • ARP_ENTRY Table 84 • VCAP LPM SGL_IP4 Key Details Field Name Description Size DST_FLAG 0: IP4_XIP is only to be used for SIP matching. 1: IP4_XIP is only to be used for DIP matching. 1 IP4_XIP IPv4 address 32 Table 85 • VCAP LPM DBL_IP4 Key Details Field Name Description Size IP4_SIP IPv4 source address 32 IP4_DIP IPv4 destination address 32 Table 86 • VCAP LPM SGL_IP6 Key Details Field Name Description Size DST_FLAG 0: IP6_XIP is only to be used for SIP matching 1: IP6_XIP is only to be used for DIP matching 1 IP6_XIP IPv6 address 128 Table 87 • VCAP LPM DBL_IP6 Key Details Field Name Description Size IP6_SIP IPv6 source address 128 IP6_DIP IPv6 destination address 128 |