データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VSC7440 データシート(PDF) 152 Page - Microsemi Corporation

部品番号 VSC7440
部品情報  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 データシート(HTML) 152 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 148Page - Microsemi Corporation VSC7440 Datasheet HTML 149Page - Microsemi Corporation VSC7440 Datasheet HTML 150Page - Microsemi Corporation VSC7440 Datasheet HTML 151Page - Microsemi Corporation VSC7440 Datasheet HTML 152Page - Microsemi Corporation VSC7440 Datasheet HTML 153Page - Microsemi Corporation VSC7440 Datasheet HTML 154Page - Microsemi Corporation VSC7440 Datasheet HTML 155Page - Microsemi Corporation VSC7440 Datasheet HTML 156Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
135
req.l3_sip_match = 1;
if (req.ip4_avail) {
csr.secur_ip4_sip_match_sticky = 1;
} else {
csr.secur_ip6_sip_match_sticky = 1;
}
}
if (req.l3_sip_match == 0) {
csr.secur_sip_fail_sticky = 1;
}
The IP Destination Guard check works in the same way as the SIP check, except for the following:
•
DIP check is not performed if frame has a multicast DMAC.
•
DIP check is not performed if router leg has been matched.
The following pseudo code specifies the behavior of the IP Destination Guard checks.
// Determine value of req.l3_sip_match (available in ANA_ACL as
L3_SMAC_SIP_MATCH)
if (!req.ip4_avail && !req.ip6_avail) {
req.l3_sip_match = 1;
return;
}
if (csr.sip_cmp_ena(req.port_num)) {
req.l3_sip_match = 0;
} else {
req.l3_sip_match = 1;
}
if (!LpmHit()) {
return;
}
if (req.ip4_avail) {
csr.secur_ip4_lpm_found_sticky = 1;
}
if (req.ip6_avail) {
csr.secur_ip6_lpm_found_sticky = 1;
}
sip_arp_entry = csr.arp_tbl[sip_lpm_entry.arp_ptr];
if ((sip_arp_entry.secur_match_vmid_ena == 0 ||
igr_vlan_entry.vmid == sip_arp_entry.arp_vmid)
&&
(sip_arp_entry.secur_match_mac_ena == 0 ||
req.smac == sip_arp_entry.mac)) {
req.l3_sip_match = 1;
if (req.ip4_avail) {
csr.secur_ip4_sip_match_sticky = 1;
} else {
csr.secur_ip6_sip_match_sticky = 1;
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More