| データシートサーチシステム |
|
VSC7440 データシート(PDF) 155 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7440 データシート(HTML) 155 Page - Microsemi Corporation |
|
155 / 444 page ![]() Functional Descriptions VMDS-10492 VSC7440 Datasheet Revision 4.2 138 Figure 31 • Multicast Routing Table Overview 3.19.2.3 Ingress Router Leg Lookup The VID used to determine the ingress router leg is the classified VID. The classified VID can be deducted based on a variety of parameters, such as VLAN tag or ingress port. For more information, see VLAN Classification, page 110. A total of 32 router legs are supported. Each router leg can be used for both IPv4 and IPv6 unicast and multicast routing. A maximum of one router leg per VLAN is supported. When processing incoming frames, the classified VID is used to index the VLAN table. The RLEG_ENA parameter determines if the VLAN is enabled for routing of packets, and if so, the VMID is used to index the VMID table. The flow is depicted in the following illustration. VCAP L3MC Table VLAN Table MSTP Table VMID Table IP Multicast Routing Decision VMID Table VLAN Table MSTP Table VMID Egress VMID RLEG_EVID MSTP_PTR Classified VID Second pass: L3MC_PTR from first pass L2 Forwarding Decision for Egress VLAN L2 Forwarding Decision for Ingress VLAN First pass: (DIP,SIP) VLAN_MSTP_PTR First pass: L3MC-PTR Egress router leg/ egress VLAN Ingress VLAN/ Ingress router leg |