| データシートサーチシステム |
|
UPD360 データシート(PDF) 214 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD360 データシート(HTML) 214 Page - Microchip Technology |
|
214 / 221 page ![]() UPD360 DS00002084C-page 214 2016-2017 Microchip Technology Inc. 17.0 PACKAGE INFORMATION Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging FIGURE 17-1: PACKAGE MARKING INFORMATION 44-WFBGA UP360A <V><COO> YWWNNN 3 e <R>010 Legend: <R> Functional revision 000 Firmware/Tracking number <V> Assembly vendor code <COO> Country code Y Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. 3 e 3 e |