データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA3906SQ データシート(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

部品番号 2SA3906SQ
部品情報  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
ホームページ  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SA3906SQ データシート(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SA3906SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SA3906SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SA3906SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SA3906SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA3906SQ
PNP Transistor
2 / 4
www.pingjingsemi.com
Revision:1.0 Qct-2018
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Min.
Symbol
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 0.1 mA
at -VCE = 1 V, -IC = 1 mA
at -VCE = 1 V, -IC = 10 mA
at -VCE = 1 V, -IC = 50 mA
at -VCE = 1 V, -IC = 100 mA
hFE
hFE
hFE
hFE
hFE
60
80
100
60
30
-
-
300
-
-
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 30 V
-ICBO
-
50
nA
Emitter Base Cutoff Current
at -VEB = 6 V
-IEBO
-
50
nA
Collector Base Breakdown Voltage
at -IC = 10 µA
-V(BR)CBO
40
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
40
-
V
Emitter Base Breakdown Voltage
at -IE = 10 µA
-V(BR)EBO
6
-
V
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 1 mA
at -IC = 50 mA, -IB = 5 mA
-VCE(sat)
-VCE(sat)
-
-
0.25
0.4
V
Base Emitter Saturation Voltage
at -IC = 10 mA, -IB = 1 mA
at -IC = 50 mA, -IB = 5 mA
-VBE(sat)
-VBE(sat)
-
-
0.85
0.95
V
Gain Bandwidth Product
at -VCE = 20 V, -IC = 10 mA, f = 100 MHz
fT
250
-
MHz
Collector Base Capacitance
at -VCB = 5 V, f = 100 KHz
Cob
-
4.5
pF
Delay Time
at -VCC = 3 V, -VBE = 0.5 V, -IC = 10 mA, -IB1 = 1 mA
td
-
35
ns
Rise Time
at -VCC = 3 V, -VBE = 0.5 V, -IC = 10 mA, -IB1 = 1 mA
tr
-
35
ns
Storage Time
at -VCC = 3 V, -IC = 10 mA, -IB1 = IB2 = 1 mA
ts
-
225
ns
Fall Time
at -VCC = 3 V, -IC = 10 mA, -IB1 = IB2 = 1 mA
tf
-
75
ns



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com