| データシートサーチシステム |
|
T1024RDB データシート(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
T1024RDB データシート(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 49 page ![]() Appendix A How to use AQ_API in U-Boot to Flash Firmware for Aquantia PHY This appendix describes the steps required to use AQ_API in U-Boot to flash firmware for Aquantia PHY. The prerequisites are given below: • The AQ_API version is 2.1.0 • The U-Boot is for T1024RDB • The U-Boot source code is from SDK1.7 and later versions Perform the following steps to use AQ_API in U-Boot: 1. Apply the following three patches to the U-Boot tree: • added-source-codes-of-API-2.1.0.patch: Adds the source code of AQ_API 2.1.0. It copies all the AQ_API source code (*.c, *.h) into one folder in U-Boot. • AQ_API-fix-compile-error-for-API-2.1.0.patch: Fixes the compilation issues that occurred in the original source code while building U-Boot. • mdio-added-flash-command.patch: Adds an MDIO flash command for U-Boot. This command will call a function in AQ_API to perform the actual flash programming. 2. Build and update a new U-Boot on the T1024RDB board. The Aquantia AQR105 PHY firmware has been programmed to PHY when shipping the board to customers, there is no need to update PHY firmware. If it is still required to update the PHY firmware, follow the instructions given below: • Program AQR105 PHY firmware for 10G XFI (using RCW 0x95): => tftp 1000000 AQ28nm-FW_2.0.B9_Freescale_T1024RDB_012115.cld Using FM1@DTSEC4 device Filename 'AQ28nm-FW_2.0.B9_Freescale_T1024RDB_012115.cld'. Load address: 0x1000000 Loading: ############################# 2.4 MiB/s done Bytes transferred = 287746 (46402 hex) => mdio list FSL_MDIO0: 2 - RealTek RTL8211E <--> FM1@DTSEC4 6 - RealTek RTL8211E <--> FM1@DTSEC3 FM_TGEC_MDIO: 1 - Aquantia AQR105 <--> FM1@TGEC1 => mii dev FM_TGEC_MDIO QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015 Freescale Semiconductor, Inc. 45 |