| データシートサーチシステム |
|
T1024RDB データシート(PDF) 46 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
T1024RDB データシート(HTML) 46 Page - Freescale Semiconductor, Inc |
|
46 / 49 page ![]() => mdio flash FM1@TGEC1 0x1000000 0x46402 flashing firmware for AQR105 Device burned and verified • Program AQR105 PHY firmware for 2.5G SGMII (using RCW 0x135): => tftp 1000000 AQ28nm-FW_2.0.B3_Freescale_T1024RDB_120514.cld Using FM1@DTSEC4 device Filename 'AQ28nm-FW_2.0.B3_Freescale_T1024RDB_120514.cld'. Load address: 0x1000000 Loading: ############################# 2.2 MiB/s done Bytes transferred = 287746 (46402 hex) => mdio list FSL_MDIO0: 2 - RealTek RTL8211E <--> FM1@DTSEC4 FM_TGEC_MDIO: 2 - Aquantia AQR105 <--> FM1@DTSEC3 => mii dev FM_TGEC_MDIO => mdio flash FM1@DTSEC3 0x1000000 0x46402 flashing firmware for AQR105 Device burned and verified => mdio read FM1@DTSEC3 0x1e.0xc885 Reading from bus FM_TGEC_MDIO PHY at address 2: 30.51333 - 0xb3 The AQR105 PHY is connected to EMI2 bus and FM_TGEC_MDIO. The syntax of the MDIO flash command is: mdio flash <port_name> <firmware_address> <firmware_size> After flash programming, the firmware version can be read out from registers 0x1e.0x20 and 0x1e.0xc885. QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015 46 Freescale Semiconductor, Inc. |