| データシートサーチシステム |
|
W5200 データシート(PDF) 46 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5200 データシート(HTML) 46 Page - WIZnet Co., Ltd |
|
46 / 88 page ![]() © Copyright 2013 WIZnet Co.,Ltd. All rights reserved. 46 5.2 Data Communications After the initialization process, W5200 can transmit and receive the data with others by ‘open’ the SOCKET of TCP, UDP, IPRAW, and MACRAW mode. The W5200 supports the independently and simultaneously usable 8 SOCKETS. In this section, the communication method for each mode will be introduced. 5.2.1 TCP The TCP is a connection-oriented protocol. The TCP make the connection SOCKET by using its own IP address, port number and destination IP address, port number. Then transmits and receives the data by using this SOCKET. Methods of making the connection to SOCKET are “TCP SERVER” and “TCP CLIENT”. It is divided by transmitting the connect-request (SYN packet). The “TCP SERVER” listens to the connect-request from the “TCP CLIENT”, and makes connection SOCKET by accepting the transmitted connect-request (Passive-open). The “TCP CLIENT” transmits the connect-request first to “TCP SERVER” to make the connection (Active-open). Figure 9 TCP SERVER and TCP CLIENT |