| データシートサーチシステム |
|
W5200 データシート(PDF) 67 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5200 データシート(HTML) 67 Page - WIZnet Co., Ltd |
|
67 / 88 page ![]() © Copyright 2013 WIZnet Co.,Ltd. All rights reserved. 67 layer protocol to suit the host’s needs. The MACRAW mode can only be used with a SOCKET. If the user uses the SOCKET in MACRAW mode, not only can it use the SOCKET1~7 in the ‘Hardwired TCP/IP stack’, but it can also be used as a NIC (Network Interface Controller). Therefore, any SOCKET1~7 can be used with ‘Software TCP/IP stack’. Since the W5200 supports ‘Hardwired TCP/IP stack’ and ‘Software TCP/IP stack’, it calls ‘Hybrid TCP/IP stack’. If user wants more SOCKETs beyond the supported 8 SOCKETS, the SOCKET in which the user wants high performance should be utilizing the ‘‘Hardwired TCP/IP stack’, and the others should be using ‘Software TCP/IP stack’ by MACRAW mode. So it overcomes the limited capacity of 8 SOCKETS. The SOCKET of MACRAW mode can process all protocols except using in SOCKET1~7. Since the MACRAW communication is pure Ethernet packet communication (there is no other processing), the MACRAW designer should use the ‘Software TCP/IP stack’ to process the protocol. The MACRAW data should basically contain the 6bytes of ‘Source hardware address’, 6bytes of ‘destination hardware address’ and 2bytes of ‘Ethernet type’ because it is based on Ethernet MAC. Figure 16 MACRAW Operation Flow |