データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LIS25BA データシート(PDF) 15 Page - STMicroelectronics

部品番号 LIS25BA
部品情報  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BA データシート(HTML) 15 Page - STMicroelectronics

Back Button LIS25BA Datasheet HTML 11Page - STMicroelectronics LIS25BA Datasheet HTML 12Page - STMicroelectronics LIS25BA Datasheet HTML 13Page - STMicroelectronics LIS25BA Datasheet HTML 14Page - STMicroelectronics LIS25BA Datasheet HTML 15Page - STMicroelectronics LIS25BA Datasheet HTML 16Page - STMicroelectronics LIS25BA Datasheet HTML 17Page - STMicroelectronics LIS25BA Datasheet HTML 18Page - STMicroelectronics LIS25BA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
DocID031510 Rev 4
15/32
LIS25BA
TDM interface specifications
32
4
TDM interface specifications
Time-division multiplexing (TDM) is a method of putting multiple data streams in one data
signal by separating the signal into many frames. There are many ways to accomplish this.
4.1
TDM interface overview
The block diagram of the TDM interface implemented in the LIS25BA device is given in
Figure 6.
Figure 6. TDM block diagram
As depicted in the figure above, the TDM interface is comprised of two control clocks, a
frame synchronization (WCLK) a serial clock (BCLK), and the serial data out (SDOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32