データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP2517FD データシート(PDF) 13 Page - Microchip Technology

部品番号 MCP2517FD
部品情報  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD データシート(HTML) 13 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 9Page - Microchip Technology MCP2517FD Datasheet HTML 10Page - Microchip Technology MCP2517FD Datasheet HTML 11Page - Microchip Technology MCP2517FD Datasheet HTML 12Page - Microchip Technology MCP2517FD Datasheet HTML 13Page - Microchip Technology MCP2517FD Datasheet HTML 14Page - Microchip Technology MCP2517FD Datasheet HTML 15Page - Microchip Technology MCP2517FD Datasheet HTML 16Page - Microchip Technology MCP2517FD Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 13
MCP2517FD
C1FLTCON0
31:24
FLTEN3
—
—
F3BP<4:0>
23:16
FLTEN2
—
—
F2BP<4:0>
15:8
FLTEN1
—
—
F1BP<4:0>
1D0
7:0
FLTEN0
—
—
F0BP<4:0>
C1FLTCON1
31:24
FLTEN7
—
—
F7BP<4:0>
23:16
FLTEN6
—
—
F6BP<4:0>
15:8
FLTEN5
—
—
F5BP<4:0>
1D4
7:0
FLTEN4
—
—
F4BP<4:0>
C1FLTCON2
31:24
FLTEN11
—
—
F11BP<4:0>
23:16
FLTEN10
—
—
F10BP<4:0>
15:8
FLTEN9
—
—
F9BP<4:0>
1D8
7:0
FLTEN8
—
—
F8BP<4:0>
C1FLTCON3
31:24
FLTEN15
—
—
F15BP<4:0>
23:16
FLTEN14
—
—
F14BP<4:0>
15:8
FLTEN13
—
—
F13BP<4:0>
1DC
7:0
FLTEN12
—
—
F12BP<4:0>
C1FLTCON4
31:24
FLTEN19
—
—
F19BP<4:0>
23:16
FLTEN18
—
—
F18BP<4:0>
15:8
FLTEN17
—
—
F17BP<4:0>
1E0
7:0
FLTEN16
—
—
F16BP<4:0>
C1FLTCON5
31:24
FLTEN23
—
—
F23BP<4:0>
23:16
FLTEN22
—
—
F22BP<4:0>
15:8
FLTEN21
—
—
F21BP<4:0>
1E4
7:0
FLTEN20
—
—
F20BP<4:0>
C1FLTCON6
31:24
FLTEN27
—
—
F27BP<4:0>
23:16
FLTEN26
—
—
F26BP<4:0>
15:8
FLTEN25
—
—
F25BP<4:0>
1E8
7:0
FLTEN24
—
—
F24BP<4:0>
C1FLTCON7
31:24
FLTEN31
—
—
F31BP<4:0>
23:16
FLTEN30
—
—
F30BP<4:0>
15:8
FLTEN29
—
—
F29BP<4:0>
1EC
7:0
FLTEN28
—
—
F28BP<4:0>
C1FLTOBJ0
31:24
—
EXIDE
SID11
EID<17:6>
23:16
EID<12:5>
15:8
EID<4:0>
SID<10:8>
1F0
7:0
SID<7:0>
C1MASK0
31:24
—
MIDE
MSID11
MEID<17:6>
23:16
MEID<12:5>
15:8
MEID<4:0>
MSID<10:8>
1F4
7:0
MSID<7:0>
1F8
C1FLTOBJ1
31:0
same as C1FLTOBJ0
1FC
C1MASK1
31:0
same as C1MASK0
200
C1FLTOBJ2
31:0
same as C1FLTOBJ0
204
C1MASK2
31:0
same as C1MASK0
208
C1FLTOBJ3
31:0
same as C1FLTOBJ0
20C
C1MASK3
31:0
same as C1MASK0
210
C1FLTOBJ4
31:0
same as C1FLTOBJ0
214
C1MASK4
31:0
same as C1MASK0
218
C1FLTOBJ5
31:0
same as C1FLTOBJ0
21C
C1MASK5
31:0
same as C1MASK0
TABLE 3-2:
CAN FD CONTROLLER MODULE REGISTER SUMMARY (CONTINUED)
Addr.
Name
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
Note 1:
The lower order byte of the 32-bit register resides at the low-order address.
2:
Reserved register reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98