| データシートサーチシステム |
|
AS7265X データシート(PDF) 25 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7265X データシート(HTML) 25 Page - ams AG |
|
25 / 63 page ![]() ams Datasheet Page 25 [v1-04] 2018-Jul-09 Document Feedback AS7265x − Detailed Description I²C Virtual Register Byte Write Pseudocode Poll I²C slave STATUS register; If TX_VALID bit is 0, a write can be performed on the interface; Send a virtual register address and set the MSB of the register address to 1 to indicate the pending write; Poll I²C slave STATUS register; If TX_VALID bit is 0, the virtual register address for the write has been received and the data may now be written; Write the data. Sample Code: #define I2C_AS72XX_SLAVE_STATUS_REG 0x00 #define I2C_AS72XX_SLAVE_WRITE_REG 0x01 #define I2C_AS72XX_SLAVE_READ_REG 0x02 #define I2C_AS72XX_SLAVE_TX_VALID 0x02 #define I2C_AS72XX_SLAVE_RX_VALID 0x01 void i2cm_AS72xx_write(uint8_t virtualReg, uint8_t d) { volatile uint8_tstatus; while (1) { // Read slave I²C status to see if the write buffer is ready. status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG); if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0) // No inbound TX pending at slave. Okay to write now. break ; } // Send the virtual register address (enabling bit 7 to indicate a write). i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, (virtualReg | 0x80)) ; while (1) { // Read the slave I²C status to see if the write buffer is ready. status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG) ; if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0) // No inbound TX pending at slave. Okay to write data now. break ; } // Send the data to complete the operation. i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, d) ; } I²C Virtual Register Read access |