データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7265X データシート(PDF) 43 Page - ams AG

部品番号 AS7265X
部品情報  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7265X データシート(HTML) 43 Page - ams AG

Back Button AS7265X Datasheet HTML 39Page - ams AG AS7265X Datasheet HTML 40Page - ams AG AS7265X Datasheet HTML 41Page - ams AG AS7265X Datasheet HTML 42Page - ams AG AS7265X Datasheet HTML 43Page - ams AG AS7265X Datasheet HTML 44Page - ams AG AS7265X Datasheet HTML 45Page - ams AG AS7265X Datasheet HTML 46Page - ams AG AS7265X Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
ams Datasheet
Page 43
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
In the AT Commands figure below, numeric values may be spec-
ified with no leading prefix, in which case they will be interpret-
ed as decimals, or with a leading “0x” to indicate that they are
hexadecimal numbers. The commands are loosely grouped into
functional areas. Texts appearing between angle brackets
(‘<‘and ‘>‘) are commands or response arguments. A carriage
return character, a linefeed character, or both may terminate
commands and responses. Note that any command that en-
counters an error will generate the “ERROR” response shown,
for example, in the NOP command at the top of the first table,
but has been omitted elsewhere in the interest of readability
and clarity.
Note(s): The Figure 59 shows the complete list of all AS7265x
AT commands.
Figure 59:
AS7265x AT Commands
Commands
Direction
Description
Format
Value Range
Default
Status
AT
R
NOP
-
-
-
ATVERSW
R
Return the current
software version
number
DEC
<MAJOR.PATCH.
BUILD>
-
ATVERHW
R
Returns the system
hardware as a HEX
value of the form
PRDTx where
P=PartID and
R=ChipRevision and
DT= DeviceType
HEX
<0xPRDT>
PR = 40
DT = 15
0x4041
ATTEMP
R
Read the current
device temperature
in degrees Celsius
DEC
Send three tempera-
ture values (Format:
A, B, C)
-
ATDATA
R
Read all six raw vales
per device(<65535)
DEC
< R, S, T, U, V, W, G, H,
I, J, K, L, A, B, C, D, E,
F>
-
ATCDATA
R
Read all six calibrated
values per device.
Returns comma-
separated 32-bit
floating point values.
DEC
< R, S, T, U, V, W, G, H,
I, J, K, L, A, B, C, D, E,
F>
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63