| データシートサーチシステム |
|
MXT1664T3-CCTESSQTP データシート(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-CCTESSQTP データシート(HTML) 45 Page - Microchip Technology |
|
45 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 45 Note that any standard read or write operation will also terminate any currently enabled auto-return mode (see Section 9.5.1 “Read/Write Memory Map Command”). Figure 9-13 shows an example sequence of packets to receive messages from the Message Processor T5 object using the Send Auto-return command. FIGURE 9-13: SEND AUTO-RETURN – EXAMPLE SEQUENCE Reserved Reserved Null Rpt ID Send Auto-return Command Response From Device Read Message Data Send Null Command To Terminate Rpt ID 0xFA 0x00 0x02 0xC0 0x1C 0x1A 0x1E 0x06 0x4F 0x10 0x00 Message Report ID Rpt ID 0xFA 0x00 0x11 0x03 0x1C 0x1A 0x1C ID Bytes Rpt ID 0x88 0x00 Command ID Unused Bytes (12 Bytes) Unused Bytes (12 Bytes) Unused Bytes (12 Bytes) 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 Rpt ID 0x88 Command Received 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 Message Data (Padded by Zeros to 10 Bytes) |