| データシートサーチシステム |
|
MXT1664T3-CCTESSQTP データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-CCTESSQTP データシート(HTML) 9 Page - Microchip Technology |
|
9 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 9 TABLE 2: PIN LISTING – 162-BALL UFBGA Ball Name Type Supply Description If Unused... A1 SCL OD VddIO I2C Mode: Serial Clock input – A2 RESET I VddIO Reset low. It is recommend that this line is connected to the host system. Pull up to VDDIO A3 VDDIO P – Digital power – A4 DS0 S AVdd Driven Shield signal; used as guard track between X/Y signals and ground Leave open A5 NC – – No connection – A6 NC – – No connection – A7 NC – – No connection – A8 AVDD P – Analog power – A9 GND P – Ground – A10 Y50 S AVdd Y line connection Leave open A11 Y46 S AVdd Y line connection Leave open A12 Y42 S AVdd Y line connection Leave open A13 AVDD P – Analog power – A14 GND P – Ground – A15 NC – – No connection – A16 NC – – No connection – A17 NC – – No connection – A18 NC – – No connection – A19 NC – – No connection – B1 SDA OD VddIO I2C Mode: Serial Data – B2 USBDM USB VddIO USB mode: Data Minus Connect to GND B3 GND P – Ground – B4 NC – – No connection – B5 NC – – No connection – B6 NC – – No connection – B7 NC – – No connection – B8 NC – – No connection – B9 NC – – No connection – B10 Y49 S AVdd Y line connection Leave open B11 Y45 S AVdd Y line connection Leave open B12 Y41 S AVdd Y line connection Leave open B13 Y38 S AVdd Y line connection Leave open B14 VDDCORE P – Digital core power – B15 NC – – No connection – B16 NC – – No connection – B17 NC – – No connection – B18 NC – – No connection – B19 NC – – No connection – C1 ADDSEL I VddIO I2C Mode: Address select; see Section 7.3 “I2C Address Selection – ADDSEL Pin” – USBDP USB USB mode: Data Plus |