データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MXT1664T3-C2TESSQTP データシート(PDF) 33 Page - Microchip Technology

部品番号 MXT1664T3-C2TESSQTP
部品情報  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP データシート(HTML) 33 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 29Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 30Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 31Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 32Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 33Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 34Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 35Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 36Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 33
7.3
I2C Address Selection – ADDSEL Pin
TABLE 7-3:
COMMUNICATIONS MODE SELECTION
I2CMODE
ADDSEL
Mode
0
(HID-I2C selected)
0
(Address = 0x4A)
HID-I2C communications at 0x4A
1
(Address = 0x4B)
HID-I2C communications at 0x4B
1
(I2C selected)
0
(Address = 0x4A)
I2C communications at 0x4A
1
(Address = 0x4B)
I2C communications at 0x4B
No input or input floating
(auto selection)
0
(Primary address = 0x4A,
secondary address = 0x4B)
I2C communications at 0x4A (primary address)
HID-I2C communications at 0x4B (secondary address)
1
(Primary address = 0x4B,
secondary address = 0x4A)
I2C communications at 0x4B (primary address)
HID-I2C communications at 0x4A (secondary address)
If the I2CMODE pin is not floating (that is, a particular mode is chosen), the I2C address is selected by connecting the
ADDSEL pin according to Table 7-4.
TABLE 7-4:
I2C ADDRESS SELECTION
ADDSEL
I2C Address
Connected to GND
0x4A
Pulled up to VddIO (1)
0x4B
Note
1:
Requires a pull-up resistor; see Section 2.0 “Schematics”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98