| データシートサーチシステム |
|
MXT1664T3-C2TESSQTP データシート(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-C2TESSQTP データシート(HTML) 80 Page - Microchip Technology |
|
80 / 98 page ![]() MXT1664T3 2.0 DS40002054A-page 80 2018 Microchip Technology Inc. 14.7 Timing Specifications 14.7.1 TOUCH LATENCY NOTE T7 Idle pipelining OFF during latency testing NOTE The figures below show typical values based on the test configuration. Actual timings in the user’s application will depend on the circumstances of that particular project and will vary from those shown below. Further tuning will be required to achieve an optimal performance. 0 5 10 15 20 25 30 123 T100 TCHDIDOWN T7 = Free run, pipelining ON T7 = Free run, pipelining OFF |