| データシートサーチシステム |
|
A16N16MPP データシート(PDF) 3 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
A16N16MPP データシート(HTML) 3 Page - Pentair plc. All rights reserved. |
|
3 / 16 page ![]() Panels and Panel accessories Panels for enclosures Spec-00310 W Pentair electrical SUBJECT TO CHANGE WITHOUT NOTICE accessories 3 Panels For JUncTion BoXes Steel panels are 14 gauge, finished with white polyester powder paint or with a conductive, corrosion-resistant coating. Stainless steel panels are 14 gauge type 304 and have a commercial #3 finish which is protected on one side with a plastic film. aluminum panels are 5052-H32 aluminum alloy 0.080-in. (2-mm) thick and protected on one side with a plastic film. Panel mounting hardware is furnished with all enclosures which accept these panels. BULLETIN: PNLJ, PNLWM Catalog Number Material Panel Size D x E (in.) Panel Size D x E (mm) V (in.) V (mm) X (in.) X (mm) Y (in.) Y (mm) A4P4G Conductive 2.88 x 2.88 73 x 73 .31 8 .31 8 1.25 32 A6P4 Painted steel 4.88 x 2.88 124 x 73 .31 8 .31 8 1.25 32 A6P4G Conductive steel 4.88 x 2.88 124 x 73 .31 8 .31 8 1.25 32 A6P4SS Stainless Steel 4.88 x 2.88 124 x 73 .31 8 .31 8 1.25 32 A6P4AL Aluminum 4.88 x 2.88 124 x 73 .31 8 .31 8 1.25 32 A6P6 Painted steel 4.88 x 4.88 124 x 124 .31 8 .31 8 1.25 32 A6P6G Conductive steel 4.88 x 4.88 124 x 124 .31 8 .31 8 1.25 32 A6P6SS Stainless Steel 4.88 x 4.88 124 x 124 .31 8 .31 8 1.25 32 A6P6AL Aluminum 4.88 x 4.88 124 x 124 .31 8 .31 8 1.25 32 A7P7G Conductive 5.88 x 5.88 149 x 149 .31 8 .31 8 1.25 32 A8P6 Painted steel 6.75 x 4.88 171 x 124 .25 6 .31 8 1.25 32 A8P6G Conductive steel 6.75 x 4.88 171 x 124 .25 6 .31 8 1.25 32 A8P6SS Stainless Steel 6.75 x 4.88 171 x 124 .25 6 .31 8 1.25 32 A8P6AL Aluminum 6.75 x 4.88 171 x 124 .25 6 .31 8 1.25 32 A8P8 Painted steel 6.75 x 6.88 171 x 175 .25 6 .31 8 1.25 32 A8P8G Conductive Steel 6.75 x 6.88 171 x 175 .25 6 .31 8 1.25 32 A8P8AL Aluminum 6.75 x 6.88 171 x 175 .25 6 .31 8 1.25 32 A9P6G Conductive 7.38 x 4.63 187 x 118 .31 8 .31 8 1.25 32 A10P8 Painted steel 8.75 x 6.88 222 x 175 .25 6 .31 8 1.25 32 A10P8G Conductive steel 8.75 x 6.88 222 x 175 .25 6 .31 8 1.25 32 A10P8SS Stainless Steel 8.75 x 6.88 222 x 175 .25 6 .31 8 1.25 32 A10P8AL Aluminum 8.75 x 6.88 222 x 175 .25 6 .31 8 1.25 32 A10P10 Painted steel 8.75 x 8.88 222 x 226 .25 6 .31 8 1.25 32 A10P10G Conductive steel 8.75 x 8.88 222 x 226 .25 6 .31 8 1.25 32 A10P10AL Aluminum 8.75 x 8.88 222 x 226 .25 6 .31 8 1.25 32 A12P6 Painted steel 10.75 x 4.88 273 x 124 .25 6 .31 8 1.25 32 A12P6G Conductive steel 10.75 x 4.88 273 x 124 .25 6 .31 8 1.25 32 A12P10 Painted steel 10.75 x 8.88 273 x 226 .25 6 .31 8 1.25 32 A12P10G Conductive steel 10.75 x 8.88 273 x 226 .25 6 .31 8 1.25 32 A12P10SS Stainless Steel 10.75 x 8.88 273 x 226 .25 6 .31 8 1.25 32 A12P10AL Aluminum 10.75 x 8.88 273 x 226 .25 6 .31 8 1.25 32 A12P12 Painted steel 10.75 x 10.88 273 x 276 .25 6 .31 8 1.25 32 A12P12G Conductive steel 10.75 x 10.88 273 x 276 .25 6 .31 8 1.25 32 A12P12SS Stainless Steel 10.75 x 10.88 273 x 276 .25 6 .31 8 1.25 32 A14P8 Painted steel 12.75 x 6.88 324 x 175 .25 6 .31 8 1.25 32 A14P8G Conductive steel 12.75 x 6.88 324 x 175 .25 6 .31 8 1.25 32 A14P12 Painted steel 12.75 x 10.88 324 x 276 .25 6 .31 8 1.25 32 A14P12G Conductive steel 12.75 x 10.88 324 x 276 .25 6 .31 8 1.25 32 A14P12SS Stainless Steel 12.75 x 10.88 324 x 276 .25 6 .31 8 1.25 32 A14P12AL Aluminum 12.75 x 10.88 324 x 276 .25 6 .31 8 1.25 32 A16P10 Painted steel 14.75 x 8.88 375 x 226 .25 6 .31 8 1.25 32 A16P10G Conductive steel 14.75 x 8.88 375 x 226 .25 6 .31 8 1.25 32 A16P14 Painted steel 14.75 x 12.88 375 x 327 .25 6 .31 8 1.25 32 A16P14G Conductive steel 14.75 x 12.88 375 x 327 .25 6 .31 8 1.25 32 A16P14SS Stainless Steel 14.75 x 12.88 375 x 327 .25 6 .31 8 1.25 32 A16P14AL Aluminum 14.75 x 12.88 375 x 327 .25 6 .31 8 1.25 32 A18P16 Painted steel 16.75 x 14.88 425 x 378 .25 6 .31 8 1.25 32 A18P16G Conductive steel 16.75 x 14.88 425 x 378 .25 6 .31 8 1.25 32 A18P16SS Stainless Steel 16.75 x 14.88 425 x 378 .25 6 .31 8 1.25 32 A18P16AL Aluminum 16.75 x 14.88 425 x 378 .25 6 .31 8 1.25 32 A20P16J Painted 18.75 x 14.88 476 x 378 .47 12 .54 14 .81 21 A20P16JAL Aluminum 18.75 x 14.88 476 x 378 .47 12 .54 14 .81 21 |