| データシートサーチシステム |
|
A16N16MPP データシート(PDF) 6 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
A16N16MPP データシート(HTML) 6 Page - Pentair plc. All rights reserved. |
|
6 / 16 page ![]() Panels and Panel accessories Panels for enclosures Spec-00310 W PH 763.422.2211 • PentairProtect.com/Hoffman Pentair electrical accessories 6 Panels For TYPe 1 enclosUres and sMall TYPe 3r enclosUres Steel panels are 14 gauge, finished with white polyester powder paint. Panel mounting hardware is furnished with enclosure. BULLETIN: PNLT1 Catalog Number Panel Size D x E (in.) Panel Size D x E (mm) A6N4P 4.25 x 2.25 108 x 57 A6N6P 4.25 x 4.25 108 x 108 A8N6P 6.25 x 4.25 159 x 108 A8N8P 6.25 x 6.25 159 x 159 A10N8P 8.25 x 6.25 210 x 159 A10N10P 8.25 x 8.25 210 x 210 A12N10P 10.25 x 8.25 260 x 210 A12N12P 10.25 x 10.25 260 x 260 A14N12P 12.25 x 10.25 311 x 260 A16N12P 14.25 x 10.25 362 x 260 A20N12P 18.25 x 10.25 464 x 260 Panels For MediUM TYPe 1 enclosUres Steel panels are 14 or 12 gauge with a white polyester powder paint finish. Panel mounting hardware is furnished with enclosure. BULLETIN: PNLT1 Catalog Number Panel Thickness (ga.) Panel Size D x E (in.) Panel Size D x E (mm) A16N12MP 14 13.00 x 10.50 330 x 267 A20N12MP 14 17.00 x 10.50 432 x 267 A16N16MP 14 13.00 x 14.50 330 x 368 A20N16MP 14 17.00 x 14.50 432 x 368 A24N16MP 14 21.00 x 14.50 533 x 368 A18N18MP 14 15.00 x 16.50 381 x 419 A16N20MP 14 13.00 x 18.50 330 x 470 A20N20MP 14 17.00 x 18.50 432 x 470 A24N20MP 14 21.00 x 18.50 533 x 470 A30N20MP 14 26.00 x 18.50 660 x 470 A24N24MP 12 21.00 x 22.50 533 x 571 A30N24MP 12 26.00 x 22.50 660 x 571 A36N24MP 12 32.00 x 22.50 813 x 571 A30N30MP 12 26.00 x 28.50 660 x 724 A36N30MP 12 32.00 x 28.50 813 x 724 |