| データシートサーチシステム |
|
JS28F256P30B85 データシート(PDF) 15 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
JS28F256P30B85 データシート(HTML) 15 Page - Intel Corporation |
|
15 / 102 page ![]() 1-Gbit P30 Family Datasheet Intel StrataFlash® Embedded Memory (P30) April 2005 Order Number: 306666, Revision: 001 15 Figure 5. 512-Mbit, 88-ball (80 active) QUAD+ SCSP Specifications (8x11x1.2 mm) Millimeters Inches Dimensions Symbol Min Nom Max Min Nom Max Package Height A - - 1.200 - - 0.0472 Ball Height A1 0.200 - - 0.0079 - - Package Body Thickness A2 - 0.860 - - 0.0339 - Ball (Lead) Width b 0.325 0.375 0.425 0.0128 0.0148 0.0167 Package Body Length D 10.900 11.000 11.100 0.4291 0.4331 0.4370 Package Body Width E 7.900 8.000 8.100 0.3110 0.3150 0.3189 Pitch e - 0.800 - - 0.0315 - Ball (Lead) Count N - 88 - - 88 - Seating Plane Coplanarity Y - - 0.100 - - 0.0039 Corner to Ball A1 Distance Along E S1 1.100 1.200 1.300 0.0433 0.0472 0.0512 Corner to Ball A1 Distance Along D S2 1.000 1.100 1.200 0.0394 0.0433 0.0472 Top View - Ball Down Bottom View - Ball Up A A2 D E Y A1 D raw ing not to scale . S2 S1 A C B E D G F J H K L M e 1 2 3 4 5 6 7 8 b A C B E D G F J H K L M A 1 Index Mark 12 34 5 6 7 8 |