| データシートサーチシステム |
|
PC48F3P0VBQ0 データシート(PDF) 81 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PC48F3P0VBQ0 データシート(HTML) 81 Page - Intel Corporation |
|
81 / 102 page ![]() 1-Gbit P30 Family Datasheet Intel StrataFlash® Embedded Memory (P30) April 2005 Order Number: 306666, Revision: 001 81 Figure 37. Write State Machine—Next State Table (Sheet 4 of 6) OTP Setup (4) Lock Block Confirm (8) Lock-Down Block Confirm (8) Write RCR Confirm (8) Block Address (?WA0) 9 Illegal Cmds or BEFP Data (1) (C0H) (01H) (2FH) (03H) (XXXXH) (all other codes) WSM Operation Completes Command Input to Chip and resulting Chip Next State Current Chip State (7) NA Erase Suspend N/A Ready (BP Load 2 BP Load 2 Ready BP Confirm if Data load into Program Buffer is complete; Else BP Load 2 Ready (Error) (Proceed if unlocked or lock error) Ready (Error) Erase Suspend Erase Suspend (Lock Error) Erase Suspend (Lock Block) Erase Suspend (Lock Down Block) Erase Suspend (Set CR) Ready (BEFP Loading Data) Ready (Error) BEFP Program and Verify Busy (if Block Address given matches address given on BEFP Setup command). Commands treated as data. (7) BP Load 1 Ready (Error) BP Confirm if Data load into Program Buffer is complete; Else BP Load 2 Ready (Error in Erase Suspend) Word Program Suspend in Erase Suspend BP Load 2 Ready Word Program Busy in Erase Suspend Busy Word Program Busy in Erase Suspend BEFP Busy Ready Erase Suspend (Lock Error) N/A BP Busy in Erase Suspend BP Suspend in Erase Suspend N/A Setup Busy Suspend Setup BP Load 1 BP Load 2 BP Confirm BP Busy BP Suspend Setup BEFP Busy Buffered Enhanced Factory Program Mode Lock/CR Setup in Erase Suspend BP in Erase Suspend Word Program in Erase Suspend |