データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC48F3P0VBQ0 データシート(PDF) 60 Page - Intel Corporation

部品番号 PC48F3P0VBQ0
部品情報  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VBQ0 データシート(HTML) 60 Page - Intel Corporation

Back Button PC48F3P0VBQ0 Datasheet HTML 56Page - Intel Corporation PC48F3P0VBQ0 Datasheet HTML 57Page - Intel Corporation PC48F3P0VBQ0 Datasheet HTML 58Page - Intel Corporation PC48F3P0VBQ0 Datasheet HTML 59Page - Intel Corporation PC48F3P0VBQ0 Datasheet HTML 60Page - Intel Corporation PC48F3P0VBQ0 Datasheet HTML 61Page - Intel Corporation PC48F3P0VBQ0 Datasheet HTML 62Page - Intel Corporation PC48F3P0VBQ0 Datasheet HTML 63Page - Intel Corporation PC48F3P0VBQ0 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
60
Order Number: 306666, Revision: 001
boundary, the worst case output delay is one clock cycle less than the first access Latency Count.
This delay can take place only once, and doesn’t occur if the burst sequence does not cross a
device-row boundary. WAIT informs the system of this delay when it occurs.
10.3.9
Burst Length
The Burst Length bit (BL[2:0]) selects the linear burst length for all synchronous burst reads of the
flash memory array. The burst lengths are 4-word, 8-word, 16-word, and continuous word.
Continuous-burst accesses are linear only, and do not wrap within any word length boundaries (see
Table 25, “Burst Sequence Word Ordering” on page 59). When a burst cycle begins, the device
outputs synchronous burst data until it reaches the end of the “burstable” address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More