データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN32F0A データシート(PDF) 17 Page - STMicroelectronics

部品番号 STSPIN32F0A
部品情報  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A データシート(HTML) 17 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 13Page - STMicroelectronics STSPIN32F0A Datasheet HTML 14Page - STMicroelectronics STSPIN32F0A Datasheet HTML 15Page - STMicroelectronics STSPIN32F0A Datasheet HTML 16Page - STMicroelectronics STSPIN32F0A Datasheet HTML 17Page - STMicroelectronics STSPIN32F0A Datasheet HTML 18Page - STMicroelectronics STSPIN32F0A Datasheet HTML 19Page - STMicroelectronics STSPIN32F0A Datasheet HTML 20Page - STMicroelectronics STSPIN32F0A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
STSPIN32F0A
Pin description
DocID030766 Rev 2.0
17/41
No.
Name
Type
Function
47
OP3O
Analog out
Op amp 3 output
48
VDD
Power
MCU digital power supply
EPAD
Power
Internally connected to ground
Table 7: STSPIN32F0A MCU pad mapping
MCU pad
Type
Analog IC pad
Alternate and additional
functions
PF0
I/O - FT
-
OSC_IN
PF1
I/O - FT
-
OSC_OUT
NRST
I/O - RST
-
Device reset input / internal reset
output (active low)
VDDA
S
VDD_3V3
Analog power supply voltage
PA0
I/O - TTa
-
TIM2_CH1_ETR, USART1_CTS
ADC_IN0, RTC_TAMP2, WKUP1
PA1
I/O - TTa
-
TIM2_CH2, EVENTOUT,
USART1_RTS
ADC_IN1
PA2
I/O - TTa
-
TIM2_CH3, USART1_TX
ADC_IN2
PA3
I/O - TTa
-
TIM2_CH4, USART1_RX
ADC_IN3
PA4
I/O - TTa
-
SPI1_NSS, I2S1_WS, TIM14_CH1,
USART1_CK
ADC_IN4
PA5
I/O - TTa
-
SPI1_SCK, I2S1_CK,
TIM2_CH1_ETR
ADC_IN5
PA6
I/O - TTa
-
SPI1_MISO, I2S1_MCK,
TIM3_CH1, TIM1_BKIN,
TIM16_CH1, EVENTOUT
ADC_IN6
PB1
I/O - TTa
-
TIM3_CH4, TIM14_CH1,
TIM1_CH3N
ADC_IN9
PA7
I/O - TTa
-
SPI1_MOSI, I2S1_SD, TIM3_CH2,
TIM14_CH1, TIM1_CH1N,
TIM17_CH1, EVENTOUT
ADC_IN7
PB12
I/O - FT
OC_COMP_INT
TIM1_BKIN (1)
PB13
I/O - FT
LS1
TIM1_CH1N(1)
PB14
I/O - FT
LS2
TIM1_CH2N(1)
PB15
I/O - FT
LS3
TIM1_CH3N(1)
PA8
I/O - FT
HS1
TIM1_CH1(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41