データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN32F0A データシート(PDF) 36 Page - STMicroelectronics

部品番号 STSPIN32F0A
部品情報  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A データシート(HTML) 36 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 32Page - STMicroelectronics STSPIN32F0A Datasheet HTML 33Page - STMicroelectronics STSPIN32F0A Datasheet HTML 34Page - STMicroelectronics STSPIN32F0A Datasheet HTML 35Page - STMicroelectronics STSPIN32F0A Datasheet HTML 36Page - STMicroelectronics STSPIN32F0A Datasheet HTML 37Page - STMicroelectronics STSPIN32F0A Datasheet HTML 38Page - STMicroelectronics STSPIN32F0A Datasheet HTML 39Page - STMicroelectronics STSPIN32F0A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Package information
STSPIN32F0A
36/41
DocID030766 Rev 2.0
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
A customized VFQFPN48 7 x 7 package is proposed. A smaller EPAD, internally
connected to the ground pin, is desired to place through holes on the bottom of the
package.
Lead plating is Nickel/Palladium/Gold (Ni/Pd/Au).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41