| データシートサーチシステム |
|
STSPIN820 データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN820 データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 29 page ![]() DocID031065 Rev 2 7/29 STSPIN820 Electrical data 29 2.4 ESD protection ratings Table 4. ESD protection ratings Symbol Parameter Conditions Class Value Unit HBM Human body model Conforming to ANSI/ESDA/JEDEC JS001 H2 2 kV CDM Charge device model Conforming to ANSI/ESDA/JEDEC JS002 All pins C2a 500 V Conforming to ANSI/ESDA/JEDEC JS002 Corner pins only (1, 6, 7, 12, 13, 18, 19, 24) -750 V MM Machine model Conforming to EIA/JESD22-A115-C NC 200 V |