データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN820 データシート(PDF) 22 Page - STMicroelectronics

部品番号 STSPIN820
部品情報  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 データシート(HTML) 22 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 18Page - STMicroelectronics STSPIN820 Datasheet HTML 19Page - STMicroelectronics STSPIN820 Datasheet HTML 20Page - STMicroelectronics STSPIN820 Datasheet HTML 21Page - STMicroelectronics STSPIN820 Datasheet HTML 22Page - STMicroelectronics STSPIN820 Datasheet HTML 23Page - STMicroelectronics STSPIN820 Datasheet HTML 24Page - STMicroelectronics STSPIN820 Datasheet HTML 25Page - STMicroelectronics STSPIN820 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Functional description
STSPIN820
22/29
DocID031065 Rev 2
5.5
Thermal shutdown
The device embeds circuitry protecting it from the overtemperature condition.
When the thermal shutdown temperature is reached the power stage is disabled and the
EN\FAULT input is forced low through the integrated open-drain MOSFET (refer to
Figure 11).
The protection and the EN\FAULT output are released when the IC temperature returns
below a safe operating value (TjSD - TjSD,Hyst).
Figure 11. Thermal shutdown management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29