データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F722VCK6TR データシート(PDF) 80 Page - STMicroelectronics

部品番号 STM32F722VCK6TR
部品情報  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK6TR データシート(HTML) 80 Page - STMicroelectronics

Back Button STM32F722VCK6TR Datasheet HTML 76Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 77Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 78Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 79Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 80Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 81Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 82Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 83Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 229 page
background image
-
-
125 B10 153
-
-
B10
D8
125 153
PG10
I/O
FT
-
SAI2_SD_B, SDMMC2_D1,
FMC_NE3, EVENTOUT
-
-
-
126
B9
154
-
-
B9
C8
126 154
PG11
I/O
FT
-
SDMMC2_D2, FMC_INT,
EVENTOUT
-
-
-
127
B8
155
-
-
B8
B8
127 155
PG12
I/O
FT
-
LPTIM1_IN1, USART6_RTS,
SDMMC2_D3, FMC_NE4,
EVENTOUT
-
-
-
128
A8
156
-
-
A8
D7
128 156
PG13
I/O
FT
-
TRACED0, LPTIM1_OUT,
USART6_CTS, FMC_A24,
EVENTOUT
-
-
-
129
A7
157
-
-
A7
C7
129 157
PG14
I/O
FT
-
TRACED1, LPTIM1_ETR,
USART6_TX,
QUADSPI_BK2_IO3, FMC_A25,
EVENTOUT
-
-
-
130
D7
158
-
-
D7
-
130 158
VSS
S
-
-
-
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More