データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F722VCK6TR データシート(PDF) 94 Page - STMicroelectronics

部品番号 STM32F722VCK6TR
部品情報  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK6TR データシート(HTML) 94 Page - STMicroelectronics

Back Button STM32F722VCK6TR Datasheet HTML 90Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 91Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 92Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 93Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 94Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 95Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 96Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 97Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 229 page
background image
Port E
PE0
-
-
TIM4_ETR
LPTIM1_ET
R
-
-
-
-
UART8_Rx
-
SAI2_MCK
_A
-
FMC_NBL
0
EVEN
TOUT
PE1
-
-
-
LPTIM1_IN
2
-
-
-
-
UART8_Tx
-
-
-
FMC_NBL
1
EVEN
TOUT
PE2
TRACECL
K
-
-
-
-
SPI4_SCK
SAI1_MCL
K_A
--
QUADSPI_
BK1_IO2
--
FMC_A23
EVEN
TOUT
PE3
TRACED0
-
-
-
-
-
SAI1_SD_
B
--
-
-
-
FMC_A19
EVEN
TOUT
PE4
TRACED1
-
-
-
-
SPI4_NSS
SAI1_FS_
A
--
-
-
-
FMC_A20
EVEN
TOUT
PE5
TRACED2
-
-
TIM9_CH1
-
SPI4_MIS
O
SAI1_SCK
_A
--
-
-
-
FMC_A21
EVEN
TOUT
PE6
TRACED3
TIM1_BKI
N2
-TIM9_CH2
-
SPI4_MO
SI
SAI1_SD_
A
--
-
SAI2_MCK
_B
-FMC_A22
EVEN
TOUT
PE7
-
TIM1_ETR
-
-
-
-
-
-
UART7_Rx
-
QUADSPI_
BK2_IO0
-FMC_D4
EVEN
TOUT
PE8
-
TIM1_CH1
N
--
--
-
-
UART7_Tx
-
QUADSPI_
BK2_IO1
-FMC_D5
EVEN
TOUT
PE9
-
TIM1_CH1
--
--
-
-
UART7_RTS
-
QUADSPI_
BK2_IO2
-FMC_D6
EVEN
TOUT
PE10
-
TIM1_CH2
N
--
--
-
-
UART7_CTS
-
QUADSPI_
BK2_IO3
-FMC_D7
EVEN
TOUT
PE11
-
TIM1_CH2
-
-
-
SPI4_NSS
-
-
-
-
SAI2_SD_B
-
FMC_D8
EVEN
TOUT
PE12
-
TIM1_CH3
N
-
-
-
SPI4_SCK
-
-
-
-
SAI2_SCK_
B
-FMC_D9
EVEN
TOUT
PE13
-
TIM1_CH3
-
-
-
SPI4_MIS
O
-
-
-
-
SAI2_FS_B
-
FMC_D10
EVEN
TOUT
Port E
PE14
-
TIM1_CH4
-
-
-
SPI4_MO
SI
--
-
-
SAI2_MCK
_B
-FMC_D11
EVEN
TOUT
PE15
-
TIM1_BKI
N
--
--
-
-
-
-
-
-
FMC_D12
EVEN
TOUT
Table 12. STM32F722xx and STM32F723xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1/LPTIM1
I2C1/2/3/U
SART1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5
SPI2/I2S2/
SPI3/I2S3/
SPI3/I2S3/
SAI1/
UART4
SPI2/I2S2/S
PI3/I2S3/US
ART1/2/3/UA
RT5
SAI2/USART
6/UART4/5/7/
8/OTG1_FS
CAN1/TIM1
2/13/14/QU
ADSPI/
FMC/
OTG2_HS
SAI2/QUAD
SPI/SDMM
C2/OTG2_
HS/OTG1_
FS
SDMMC2
UART7/F
MC/SDM
MC1/
OTG2_FS
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More