データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F722VCY6TR データシート(PDF) 68 Page - STMicroelectronics

部品番号 STM32F722VCY6TR
部品情報  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY6TR データシート(HTML) 68 Page - STMicroelectronics

Back Button STM32F722VCY6TR Datasheet HTML 64Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 65Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 66Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 67Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 68Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 69Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 70Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 71Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 229 page
background image
19
27
39
K4
49
27
-
K4
F4
39
49
VDD
S
-
-
-
-
20
28
40
N4
50
28
G7
N4
J3
40
50
PA4
I/O TTa
-
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK, OTG_HS_SOF,
EVENTOUT
ADC1_IN4,
ADC2_IN4,
DAC_OUT1
21
29
41
P4
51
29
F6
P4
K3
41
51
PA5
I/O TTa (4)
TIM2_CH1/TIM2_ETR,
TIM8_CH1N,
SPI1_SCK/I2S1_CK,
OTG_HS_ULPI_CK, EVENTOUT
ADC1_IN5,
ADC2_IN5,
DAC_OUT2
22
30
42
P3
52
30
G6
P3
L3
42
52
PA6
I/O
FT
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN, SPI1_MISO,
TIM13_CH1, EVENTOUT
ADC1_IN6,
ADC2_IN6
23
31
43
R3
53
31
K7
R3
M3
43
53
PA7
I/O
FT
-
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SD,
TIM14_CH1, FMC_SDNWE,
EVENTOUT
ADC1_IN7,
ADC2_IN7
24
32
44
N5
54
32
H6
N5
J4
44
54
PC4
I/O
FT
-
I2S1_MCK, FMC_SDNE0,
EVENTOUT
ADC1_IN14,
ADC2_IN14
-
33
45
P5
55
33
J6
P5
K4
45
55
PC5
I/O
FT
-
FMC_SDCKE0, EVENTOUT
ADC1_IN15,
ADC2_IN15
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More