データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F722VCY6TR データシート(PDF) 17 Page - STMicroelectronics

部品番号 STM32F722VCY6TR
部品情報  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY6TR データシート(HTML) 17 Page - STMicroelectronics

Back Button STM32F722VCY6TR Datasheet HTML 13Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 14Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 15Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 16Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 17Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 18Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 19Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 20Page - STMicroelectronics STM32F722VCY6TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 229 page
background image
DS11853 Rev 6
17/229
STM32F722xx STM32F723xx
Description
49
2.1
Full compatibility throughout the family
The STM32F722xx devices are fully pin-to-pin, compatible with the STM32F7x5xx,
STM32F7x6xx, STM32F7x7xx devices.
The STM32F722xx devices are fully pin-to-pin, compatible with the STM32F4xxxx devices,
allowing the user to try different peripherals, and reaching higher performances (higher
frequency) for a greater degree of freedom during the development cycle.
Figure 1 and Figure 2 give compatible board designs between the STM32F722xx, with
LQFP64 and LQFP100 packages, and STM32F4xx families.
Figure 1. Compatible board design for LQFP100 package
MSv41001V2
18
19
20
21
22
23
24
25
PC3
VDD
VSSA
VREF+
VDDA
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
STM32F427xx / STM32F437xx
STM32F429xx / STM32F439xx
STM32F415xx / STM32F417xx
STM32F405xx / STM32F407xx
STM32F72xxx
18
19
20
21
22
23
24
25
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PC3
VSSA
VREF+
VDDA
Pins 19 to 49 are not compatible
PA0-WKUP
PA1
PA2
PA3
PA0-WKUP
PA1
PA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More