データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PFS172 データシート(PDF) 4 Page - PADAUK Technology.

部品番号 PFS172
部品情報  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PADAUK [PADAUK Technology.]
ホームページ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 データシート(HTML) 4 Page - PADAUK Technology.

  PFS172 Datasheet HTML 1Page - PADAUK Technology. PFS172 Datasheet HTML 2Page - PADAUK Technology. PFS172 Datasheet HTML 3Page - PADAUK Technology. PFS172 Datasheet HTML 4Page - PADAUK Technology. PFS172 Datasheet HTML 5Page - PADAUK Technology. PFS172 Datasheet HTML 6Page - PADAUK Technology. PFS172 Datasheet HTML 7Page - PADAUK Technology. PFS172 Datasheet HTML 8Page - PADAUK Technology. PFS172 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 4 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
5.4.5.
System Clock and LVR level......................................................................................33
5.4.6.
System Clock Switching ............................................................................................34
5.5.
Comparator ...........................................................................................................................35
5.5.1
Internal reference voltage (Vinternal R)...........................................................................36
5.5.2
Using the comparator ................................................................................................38
5.5.3
Using the comparator and bandgap 1.20V.................................................................39
5.6
16-bit Timer (Timer16) ..........................................................................................................40
5.7
8-bit Timer (Timer2/Timer3) with PWM generation ................................................................42
5.7.1
Using the Timer2 to generate periodical waveform ....................................................43
5.7.2
Using the Timer2 to generate 8-bit PWM waveform...................................................45
5.7.3
Using the Timer2 to generate 6-bit PWM waveform...................................................46
5.7.4
Complementary PWM with Dead Zones ....................................................................47
5.8
WatchDog Timer ...................................................................................................................50
5.9
Interrupt ................................................................................................................................50
5.10
Power-Save and Power-Down ..............................................................................................53
5.10.1 Power-Save mode (“stopexe”) ...................................................................................53
5.10.2 Power-Down mode (“stopsys”) ..................................................................................54
5.10.3 Wake-up ....................................................................................................................55
5.11
IO Pins ..................................................................................................................................56
5.12
Reset and LVR......................................................................................................................57
5.12.1 Reset.........................................................................................................................57
5.12.2 LVR reset ..................................................................................................................57
5.13
Analog-to-Digital Conversion (ADC) module .........................................................................57
5.13.1 The input requirement for AD conversion...................................................................58
5.13.2 ADC clock selection...................................................................................................59
5.13.3 Configure the analog pins..........................................................................................59
5.13.4 Using the ADC...........................................................................................................59
6. IO Registers ........................................................................................................................ 60
6.1.
ACC Status Flag Register (flag), IO address = 0x00 .............................................................60
6.2.
Stack Pointer Register (sp), IO address = 0x02.....................................................................60
6.3.
Clock Mode Register (clkmd), IO address = 0x03 .................................................................60
6.4.
Interrupt Enable Register (inten), IO address = 0x04.............................................................61
6.5.
Interrupt Request Register (intrq), IO address = 0x05 ...........................................................61
6.6.
Timer16 mode Register (t16m), IO address = 0x06...............................................................62
6.7.
External Oscillator setting Register (eoscr), IO address = 0x0a.............................................62
6.8.
Interrupt Edge Select Register (integs), IO address = 0x0c ...................................................63
6.9.
Port A Digital Input Enable Register (padier), IO address = 0x0d ..........................................63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92